Part Number Hot Search : 
ZM4746 9102C F200B SRA22 ICM72 UPA812T 1N4935 AN8710
Product Description
Full Text Search
 

To Download HMC1058 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mixers - sub harmonic - chip 1 HMC1058 v00.1212 gaas mmic sub harmonic mixer, 71 - 86 ghz general description features functional diagram passive: no dc bias required low lo power: 9 dbm high lo/rf isolation: 28 db high 2lo/rf isolation: 43 db wide if bandwidth: dc to 12 ghz upconversion & downconversion applications die size: 1.15 x 0.97 x 0.1 mm electrical specifcations, t a = +25 c, if = 4 ghz, lo = +9 dbm, usb [1] typical applications the HMC1058 is ideal for: ? e-band communications systems ? test equipment & sensors ? military end-use ? automotive radar the HMC1058 is a sub-harmonically pumped mmic mixer. it can be used as an upconverter or a downconverter, with dc to 12 ghz at the if port and 71 to 86 ghz at the rf port. this passsive mmic mixer is fabricated with gaas shottky diode technology. all bond pads and the die backside are ti/au metallized and the shottky devices are fully passivated for reliable operation. all data shown herein is measured with the chip in a 50 ohm environment and contacted with rf probes. parameter min. typ. max. units rf frequency range 71 - 86 ghz if frequency range dc - 12 ghz lo frequency range 29 - 43 ghz conversion loss -14 -11 db 2lo to rf isolation 43 db lo to rf isolation 28 db lo to if isolation 20 db rf to if isolation 18 db ip3 (input) [2] 6 dbm [1] unless otherwise noted , all measurements performed as an downconverter with lo = +9 dbm. [2] upconverter performance. for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - sub harmonic - chip 2 HMC1058 v00.1212 gaas mmic sub harmonic mixer, 71 - 86 ghz conversion gain vs. temperature lo= 2 ghz, usb conversion gain vs. temperature lo= 4 ghz, usb conversion gain vs. temperature lo= 8 ghz, usb conversion gain vs. lo power lo= 2 ghz, usb conversion gain vs. lo power lo= 4 ghz, usb conversion gain vs. temperature lo= 12 ghz, usb -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 +25 c +85 c -55 c conversion gain (db) rf frequency (ghz) -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 +25 c +85 c -55 c conversion gain (db) rf frequency (ghz) -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 +25 c +85 c -55 c conversion gain (db) rf frequency (ghz) -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 +25 c +85 c -55 c conversion gain (db) rf frequency (ghz) -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 7 dbm 9 dbm conversion gain (db) rf frequency (ghz) -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 7 dbm 9 dbm conversion gain (db) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - sub harmonic - chip 3 HMC1058 v00.1212 gaas mmic sub harmonic mixer, 71 - 86 ghz conversion gain vs. lo power lo= 8 ghz, usb conversion gain vs. lo power lo= 12 ghz, usb conversion gain vs. lo power lo= 2 ghz, lsb conversion gain vs. lo power lo= 4 ghz, lsb conversion gain vs. lo power lo= 8 ghz, lsb conversion gain vs. lo power lo= 12 ghz, lsb -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 7 dbm 9 dbm conversion gain (db) rf frequency (ghz) -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 7 dbm 9 dbm conversion gain (db) rf frequency (ghz) -40 -35 -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 7 dbm 9 dbm conversion gain (db) rf frequency (ghz) -40 -35 -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 7 dbm 9 dbm conversion gain (db) rf frequency (ghz) -40 -35 -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 7 dbm 9 dbm conversion gain (db) rf frequency (ghz) -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 7 dbm 9 dbm conversion gain (db) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - sub harmonic - chip 4 HMC1058 v00.1212 gaas mmic sub harmonic mixer, 71 - 86 ghz conversion gain, upconverter, lo=9dbm, if= 4 ghz, usb input ip3, upconverter, lo= 9dbm, if=4 ghz, usb conversion gain ifbw vs. lo power lo=31.25 ghz, usb conversion gain ifbw vs. lo power downconverter, lo=37.25 ghz, usb input ip3, upconverter, lo= 9dbm, if=4 ghz, lsb conversion gain, upconverter, lo=9dbm, if= 4 ghz, lsb -30 -25 -20 -15 -10 -5 0 1.5 3 4.5 6 7.5 9 10.5 12 7 dbm 9 dbm conversion gain (db) if frequency (ghz) -30 -25 -20 -15 -10 -5 0 1.5 3 4.5 6 7.5 9 10.5 12 7 dbm 9 dbm conversion gain (db) if frequency (ghz) -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 conversion gain (db) rf frequency (ghz) -30 -25 -20 -15 -10 -5 60 65 70 75 80 85 90 conversion gain (db) rf frequency (ghz) 0 2 4 6 8 10 60 65 70 75 80 85 90 ip3 (dbm) rf frequency (ghz) 0 2 4 6 8 60 65 70 75 80 85 90 ip3 (dbm) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - sub harmonic - chip 5 HMC1058 v00.1212 gaas mmic sub harmonic mixer, 71 - 86 ghz rf return loss if return loss lo return loss lo/if isolation vs. lo drive rf/if isolation lo/rf isolation -20 -15 -10 -5 0 50 55 60 65 70 75 80 85 90 95 100 return loss (db) rf frequency (ghz) -30 -25 -20 -15 -10 -5 0 5 2 6 10 14 18 22 26 30 34 38 42 46 50 return loss (db) lo frequency (ghz) -40 -30 -20 -10 0 60 65 70 75 80 85 90 isolation (db) rf frequency (ghz) 0 10 20 30 40 30 32 34 36 38 40 42 44 7 dbm 9 dbm isolation (db) lo frequency (ghz) 0 10 20 30 40 30 32 34 36 38 40 42 44 isolation (db) lo frequency (ghz) -35 -30 -25 -20 -15 -10 -5 0 0 5 10 15 20 25 30 return loss (db) if frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - sub harmonic - chip 6 HMC1058 v00.1212 gaas mmic sub harmonic mixer, 71 - 86 ghz 2lo/rf isolation 0 10 20 30 40 50 60 28 30 32 34 36 38 40 42 44 isolation (db) lo frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - sub harmonic - chip 7 HMC1058 v00.1212 gaas mmic sub harmonic mixer, 71 - 86 ghz outline drawing table 1. absolute maximum ratings rf input (lo = +9 dbm) +5 dbm lo drive +20 dbm if input +3 dbm maximum junction temperature 170 c thermal resistance (r th ) (junction to die bottom) 555 c/w operating temperature -55 to +85 c storage temperature -65 to 150 c table 2. die packaging information [1] standard alternate gp-1 (gel pack) [2] [1] for more information refer to the packaging information document in the product support section of our website. [2] for alternate packaging information contact hittite microwave corporation. notes: 1. all dimensions are in inches [mm]. 2. die thickness is 0.004 3. bond pads 1, 2 & 3 are 0.0059 [0.150] x 0.0039 [0.099]. 4. backside metallization: gold. 5. bond pad metallization: gold. 6. backside metal is ground. 7. connection not required for unlabeled bond pads. 8. ov erall die size 0 .002 electrostatic sensiti v e de v ice obser v e handling precautions for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - sub harmonic - chip 8 HMC1058 v00.1212 gaas mmic sub harmonic mixer, 71 - 86 ghz table 3. pad descriptions pad number function description pad schematic 1 rf this pad is matched to 50 ohms. 2 lo this pad is ac coupled and matched to 50 ohms. 3 if this pad is ac coupled and matched to 50 ohms. die bottom gnd die bottom must be connected to rf/dc ground assembly diagram for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - sub harmonic - chip 9 HMC1058 v00.1212 gaas mmic sub harmonic mixer, 71 - 86 ghz mounting & bonding techniques for millimeterwave gaas mmics the die should be attached directly to the ground plane eutectically or with conductive epoxy (see hmc general handling, mounting, bonding note). 50 ohm microstrip transmission lines on 0.127mm (5 mil) thick alumina thin flm substrates are recommended for bringing rf to and from the chip (figure 1). one way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly- tab) which is then attached to the ground plane (figure 2). microstrip substrates should be located as close to the die as possible in order to minimize bond wire length. typical die-to-substrate spacing is 0.076mm to 0.152 mm (3 to 6 mils). handling precautions follow these precautions to avoid permanent damage. storage: all bare die are placed in either waffle or gel based esd protec - tive containers, and then sealed in an esd protective bag for shipment. once the sealed esd protective bag has been opened, all die should be stored in a dry nitrogen environment. cleanliness: handle the chips in a clean environment. do not attempt to clean the chip using liquid cleaning systems. static sensitivity: follow esd precautions to protect against > 250 v esd strikes. transients: suppress instrument and bias supply transients while bias is applied. use shielded signal and bias cables to minimize inductive pick- up. general handling: handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. the surface of the chip may have fragile air bridges and should not be touched with vacuum collet, tweezers, or fngers. mounting the chip is back-metallized and can be die mounted with ausn eutectic preforms or with electrically conductive epoxy. the mounting surface should be clean and fat. eutectic die attach: a 80/20 gold tin preform is recommended with a work surface temperature of 255 c and a tool temperature of 265 c. when hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 c. do not expose the chip to a temperature greater than 320 c for more than 20 seconds. no more than 3 seconds of scrubbing should be required for attachment. epoxy die attach: apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fllet is observed around the perimeter of the chip once it is placed into position. cure epoxy per the manufacturers schedule. wire bonding ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. thermosonic wirebonding with a nominal stage temperature of 150 c and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recom - mended. use the minimum level of ultrasonic energy to achieve reliable wirebonds. wirebonds should be started on the chip and terminated on the package or substrate. all bonds should be as short as possible <0.31mm (12 mils). 0.102mm (0.004?) thick gaas mmic wire bond rf ground plane 0.127mm (0.005?) thick alumina thin film substrate 0.076mm (0.003?) figure 1. 0.102mm (0.004?) thick gaas mmic wire bond rf ground plane 0.254mm (0.010?) thick alumina thin film substrate 0.076mm (0.003?) figure 2. 0.150mm (0.005?) thick moly tab for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - sub harmonic - chip 10 HMC1058 v00.1212 gaas mmic sub harmonic mixer, 71 - 86 ghz notes: for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com


▲Up To Search▲   

 
Price & Availability of HMC1058

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X